Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1523 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics AN1523 Datasheet HTML 21Page - STMicroelectronics AN1523 Datasheet HTML 22Page - STMicroelectronics AN1523 Datasheet HTML 23Page - STMicroelectronics AN1523 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AN1523 APPLICATION NOTE
22/24
ANNEX 2 - Switch Mode Transformer Specification (continued)
SWITCH MODE TRANSFORMER SPECIFICATION
2362.0019 C
CUSTOMER CODE
ISSUE A
This document and its content are property of ELDOR CORPORATION S.p.A. No part of this document may be
reproduced, published, disclosed or used in any form with out written permission of ELDOR CORPORATION S.p.A.
DOC.N.
PAG. 5 / 6
3.0
SAFETY
According to international standard EN60065- EN60950 for the Class II at the following conditions of
primary voltage: VRMS <300V; Vp<600V
All the transformers are tested at the end of the manufacturing lines for the withstandin g voltage in between
primary and secondary in the following conditi ons:
Test voltage
=
4.2 kV RMS
Duration of test =
1 seconds
File records of the test are mantained in Eldor Quality Assurance Dept.
4.0
MATERIAL LIST
NR.
SMT PART NAME
KIND OF MATERIAL
MANUFACTURER
TRADE MARK/TYPE
UL
RATING
UL FILE
NUMBER
1
BOBBIN
Polyamide 4/6 (PA4/6) DSM
Stanyl TE250F6
94V-0
E119177
2
INSULATING TAPE
Polyester film
3M
1350
UL 130
°C
E17385
3
TERMINAL PINS
Tinned steel
4
FERRITE CORE
N67 or equivalent
Epcos AG, AVX,
Samwha, Ferroxcube,
ISU, DMEG,Tridelta or
equivalent
E20/10/6
5
PRIMARY WINDINGS
Enamelled wire
Grade 2 - Class F
Elektrisola Atesina srl,
Nexans
Pirelli cavi e sistemi
or equivalent
6
SECONDARY
WINDINGS
Triple insulated wire
The Furukawa Electric TEX-E
E206440
7
ADHESIVE
LOCTITE
Loctite 480
8
ELASTIC ADHESIVE
3M
Scotch Grip EC -1022
9
MARKING OR LABEL Marking
1
5
6
4
2
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com