Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR533L-25-TA5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR533L-25-TA5-R
Description  5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR533L-25-TA5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR533L-25-TA5-R Datasheet HTML 1Page - Unisonic Technologies UR533L-25-TA5-R Datasheet HTML 2Page - Unisonic Technologies UR533L-25-TA5-R Datasheet HTML 3Page - Unisonic Technologies UR533L-25-TA5-R Datasheet HTML 4Page - Unisonic Technologies UR533L-25-TA5-R Datasheet HTML 5Page - Unisonic Technologies UR533L-25-TA5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UR533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-026,B
TYPICAL APPLICATION CIRCUIT
FOR ADJUSTABLE VERSION
R1
R2
C2
22
μF
VOUT
+
+
ADJ
VCNTL
VOUT
VSENSE
VIN
UTC UR533-ADJ
C1
10
μF
VIN
VCNTL
IADJ
50μA
VREF
VOUT = VREF (1+R2/R1) + IADJ (R2)
Note : C2 is recommended to use 22µF solid tantalum or 100µF aluminum electrolytic for output stability.
FOR FIXED OUTPUT VERSION
GND
VIN
VCNTL
VOUT
VSENSE
UTC UR533-1.5
C2
1μF
C1
10μF
+
+
C3
100μF
VIN= 2.5V
VCNTL= 3.3V
1.5V at 5A
Note : C3 is recommended to use 22µF solid tantalum or 100µF aluminum electrolytic for output stability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com