Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4005Y Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBLS4005Y
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4005Y Datasheet(HTML) 4 Page - NXP Semiconductors

  PBLS4005Y Datasheet HTML 1Page - NXP Semiconductors PBLS4005Y Datasheet HTML 2Page - NXP Semiconductors PBLS4005Y Datasheet HTML 3Page - NXP Semiconductors PBLS4005Y Datasheet HTML 4Page - NXP Semiconductors PBLS4005Y Datasheet HTML 5Page - NXP Semiconductors PBLS4005Y Datasheet HTML 6Page - NXP Semiconductors PBLS4005Y Datasheet HTML 7Page - NXP Semiconductors PBLS4005Y Datasheet HTML 8Page - NXP Semiconductors PBLS4005Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
These Breakthrough In Small-Signal (BISS) transistors offer best-in-class
efficiency, therefore getting the heat out of your applications.These cost-effective
alternatives to medium-power transistors deliver 1 – 5 A capability in SOT223
(SC-73), SOT89 (SC-62), SOT23 or SOT457 (SC-74).
SOT223 (SC-73)
SOT89 (SC-62)
SOT23
SOT457 (SC-74)
P
tot 2000 mW
P
tot 1300 mW
P
tot 480 mW
P
tot 750 mW
I
C (A)
V
CEO (V)
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
1.0
30
PBSS4130T
PBSS5130T
40
PBSS4140T
PBSS5140T
PBSS4140DPN (NPN/PNP)
60
PBSS4160T
PBSS5160T
100
PBSS8110Z
PBSS9110Z
PBSS8110T
PBSS9110T
PBSS8110D
PBSS9110D
2.0
30
PBSS4230T
PBSS5230T
40
PBSS4240T
PBSS5240T
PBSS4240DPN (NPN/PNP)
50
PBSS4250X
PBSS5250X
PBSS4350T
PBSS5350T
3.0
20
PBSS4320X
PBSS5320X
30
PBSS4330X
PBSS5330X
50
PBSS4350Z
PBSS5350Z
PBSS4350X
PBSS5350X
PBSS4350D
PBSS5350D
60
PBSS303ND
PBSS303PD
80
PBSS304ND
PBSS304PD
100
PBSS305ND
PBSS305PD
4.0
40
PBSS4540Z
PBSS5540Z
PBSS4540X
PBSS5540X
PBSS4440D
PBSS5440D
80
PBSS4480X
PBSS5480X
5.0
20
PBSS4520X
PBSS5520X
Low V
CEsat (BISS) transistors
Key features
- Reduced thermal and electrical resistance
- Up to 5 A collector current capability I
C
- Up to 10 A peak collector current I
CM
- High performance to boardspace ratio
- High current gain h
FE - even at high IC
- Extensive range of products available
Key benefits
- Less heat generation and therefore use at
high ambient temperatures possible
- Cost effective replacement of medium
power transistors
- Increased performance from small-signal
discrete footprints
Key applications
- Applications where heat is a concern
(e.g. engine- or dashboard mounted
components)
- High and low side switches, e.g. in control
units
- Drivers in low supply voltage applications,
e.g. fans, motors
- Inductive load drivers, e.g. relays, buzzers
- MOSFET drivers
BCP51,T
j = 130°C
PBSS9110Z,T
j = 103°C
PBSS5350Z,T
j= 60°C
PBSS5540Z,T
j = 45°C
Less heat generation with BISS transistors
SOT223: I
C = 1.55 A; IB = 0.1 A; PCB FR4 + 1 cm
2
Cu
MSD923
CONTROLLER
VCC
DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com