Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CPS05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP16CPS05
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP16CPS05 Datasheet HTML 15Page - STMicroelectronics STP16CPS05 Datasheet HTML 16Page - STMicroelectronics STP16CPS05 Datasheet HTML 17Page - STMicroelectronics STP16CPS05 Datasheet HTML 18Page - STMicroelectronics STP16CPS05 Datasheet HTML 19Page - STMicroelectronics STP16CPS05 Datasheet HTML 20Page - STMicroelectronics STP16CPS05 Datasheet HTML 21Page - STMicroelectronics STP16CPS05 Datasheet HTML 22Page - STMicroelectronics STP16CPS05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STP16CPS05
Package mechanical data
19/26
Table 11.
Plastic DIP-24 (0.25) mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.32
0.170
A1
0.38
0.015
A2
3.3
0.130
B
0.41
0.46
0.51
0.016
0.018
0.020
B1
1.40
1.52
1.65
0.055
0.060
0.065
c
0.20
0.25
0.30
0.008
0.010
0.012
D
31.62
31.75
31.88
1.245
1.250
1.255
E
7.62
8.26
0.300
0.325
E1
6.35
6.60
6.86
0.250
0.260
0.270
e
2.54
0.100
E1
7.62
0.300
L
3.18
3.43
0.125
0.135
M
0°
15°
0°
15°
Figure 21. Plastic DIP-24 (0.25) package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com