Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA311GPLFS Datasheet(PDF) 2 Page - ITT Industries

Part # TPA311GPLFS
Description  Navigation Tact Switch for SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPA311GPLFS Datasheet(HTML) 2 Page - ITT Industries

  TPA311GPLFS Datasheet HTML 1Page - ITT Industries TPA311GPLFS Datasheet HTML 2Page - ITT Industries TPA311GPLFS Datasheet HTML 3Page - ITT Industries TPA311GPLFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–9
C
D
D
ø3,2 pick & place area
(.126)
3,5
(.138)
ø3,4 approx.
(.134)
0,65±0,1 (x7)
(.026.004)
2,725
(.1073)
1,0 (x7)
(.039)
ø4,0
(.157)
ø2,0
(.079)
5,325
(.2096)
8,05
(.317)
9,3
(.366)
ø1,95±0,03
(.077±.001)
70˚0'±5˚0'
R 0,17±0,05
(.007±.002)
0,55±0,05
(.022±.002)
90˚0'±2˚0'
UP - 3
DOWN - 4
SELECT - 5
LEFT - 7
RIGHT - 6
COMMON - 2
COMMON - 1
RIGHT
UP
LEFT
DOWN
SELECT
Button snap in sleeve lowest position
F/D measurement point ( scanning )
Actuator
rotation center
R 0,2
(.008)
0,1
0,1 A
0,2
SERIES
TPA
TPA Series
Navigation Tact Switch for SMT
1
2
7 LEFT
4 DOWN
6 RIGHT
3 UP
5 SELECT
SCHEMATIC
D
D
A
1
2
7 LEFT
4 DOWN
5 SELECT
6 RIGHT
3 UP
UP - 3
DOWN - 4
SELECT - 5
LEFT - 7
RIGHT - 6
COMMON - 2
COMMON - 1
RIGHT
UP
LEFT
DOWN
Button snap in sleeve lowest position
F/D measurement point ( scanning )
NOTA : 1 Maximum rotational play of the actuator ±3?
2 Measurement conditions to be defined
3 Shaft diameter at the top : 1,93±0,02
Actuator rotation center
PCB LAYOUT
COUPE D-D
ECHELLE 20
ø3,4 approx.
(.134)
ø4,0
(.157)
90˚0'±2˚0'
R 0,2
(.008)
0,1 A
2,725
(.1073)
5,325
(.2096)
8,05
(.317)
9,3
(.366)
ø3,2 pick & place area
(.126)
0,2
3,5
(.138)
0,1
0,650,1 (x7)
(.026.004)
0,55±0,05
(.022.002)
1,0 (x7)
(.039)
70˚0'±5˚0'
ø1,950,03
(.077.001)
R 0,17±0,05
(.007±.002)
2,7
(.106)
1,5
(.059)
0,5
(.020)
2,7
(.106)
2,7
(.106)
ø2,0
(.079)
ø6,0
(.024)
ø6,0
(.024)
ø9,0
(.035)
5,25
(.207)
2,65
(.104)
1
(.393)
1
(.393)
0,3
(.017)
ø0,9
(.035)
1.5
(.059)
TPA 511GP
WITH PEGS
www.ittcannon.com
RIGHT
PCB LAYOUT
2,7
(.106)
ø6,0
(.024)
5,25
(.207)
2,65
(.104)
1
(.393)
1
(.393)
0,3
(.017)
ø0,9
(.035)
1.5
(.059)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com