Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16203CCCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 3Page - Analog Devices ADIS16203CCCZ Datasheet HTML 4Page - Analog Devices ADIS16203CCCZ Datasheet HTML 5Page - Analog Devices ADIS16203CCCZ Datasheet HTML 6Page - Analog Devices ADIS16203CCCZ Datasheet HTML 7Page - Analog Devices ADIS16203CCCZ Datasheet HTML 8Page - Analog Devices ADIS16203CCCZ Datasheet HTML 9Page - Analog Devices ADIS16203CCCZ Datasheet HTML 10Page - Analog Devices ADIS16203CCCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADIS16203
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
AUX DAC
NC
AUX COM
RST
SCLK
DOUT
DIN
CS
ADIS16203
BOTTOM
VIEW
(Not to Scale)
1
2
3
12
9
10
11
4
5
6
7
8
16
13
14
15
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
SPI Serial Clock.
2
DOUT
O
SPI Data Out.
3
DIN
I
SPI Data In.
4
CS
I
SPI Chip Select, Active Low. This input frames the serial data transfer.
5, 6
DIO0, DIO1
I/O
Multifunction Digital I/O Pin.
7, 11
NC
–
No Connect.
8, 10
AUX COM
S
Auxiliary Grounds. Connect to GND for proper operation.
9
RST
I
Reset, Active Low. This input resets the embedded microcontroller to a known state.
12
AUX DAC
O
Auxiliary DAC Analog Voltage Output.
13
VDD
S
+3.3 V Power Supply.
14
AUX ADC
I
Auxiliary ADC Analog Input Voltage.
15
VREF
O
Precision Reference Output.
16
COM
S
Common. Reference point for all circuitry in the ADIS16203.
1 S = supply, O = output, I = input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com