Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4863L-S18-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L4863L-S18-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863L-S18-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L4863L-S18-R Datasheet HTML 1Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 2Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 3Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 4Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 5Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 6Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 7Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 8Page - Unisonic Technologies L4863L-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R107-050,A
TYPICAL CHARACTERISTICS
(For HTSSOP-20)
THD+N vs Output Power
10m
0.01
0
1
10
0.1
0.1
13
Level (W)
THD+N vs Frequency
20
0.01
0
1
10
0.1
100
1k
10k 20k
20Hz
VDD=5V, RL=4Ω
BW<80kHz
20KHz
1KHz
VDD=5V, RL=4Ω
POUT=2.0W, BW<80kHz
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com