Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65MLVD2 Datasheet HTML 5Page - Texas Instruments SN65MLVD2 Datasheet HTML 6Page - Texas Instruments SN65MLVD2 Datasheet HTML 7Page - Texas Instruments SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments SN65MLVD2 Datasheet HTML 10Page - Texas Instruments SN65MLVD2 Datasheet HTML 11Page - Texas Instruments SN65MLVD2 Datasheet HTML 12Page - Texas Instruments SN65MLVD2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
B
A
1.2V
Inputs
RE
C
15pF
L
VO
R
499
L
W
VTEST
tPZL
tPLZ
VTEST
A
RE
VO
VTEST
A
RE
VO
VCC
0.8V
VCC
0V
V
+0.5V
OL
VOL
VCC
1.6V
0V
0V
VCC
VOH
VOH
0V
tPZH
tPHZ
VCC
2
VCC
2
VCC
2
VCC
2
0.5V
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz,
duty cycle = 50
± 5%.
B.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T
C.
CL is the instrumentation and fixture capacitance within 2 cm of the D.U.T. and ±20%. The measurement is made on
test equipment with a –3dB bandwidth of at least 1GHz.
Figure 3. Receiver Enable/Disable Time Test Circuit and Waveforms
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com