Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS232 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # RS232
Description  Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

RS232 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button RS232 Datasheet HTML 4Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 5Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 6Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 7Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 8Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 9Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 10Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 11Page - Future Technology Devices International Ltd. RS232 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
5 USB-RS232-WE-LLLL-CU-PWR
The USB-RS232-WE cable is un-terminated; it has bare and tinned wires.
The LLLL specifies the length of the cable in cm. The CU specifies the colour of the cable and the colour of
the USB connector. The cable can be either Black or transparent. The USB connector can either be black
or transparent. For simplicity, the LLLL and CU have been dropped from the following descriptions.
5.1 USB-RS232-WE-PWR Connections and Mechanical Details
The following Figure 5.1 shows the cable signals and the wire colours for the signals on the USB-RS232-
WE cable.
GND
CTS#
POWER*
TXD
RXD
RTS#
1
2
3
4
5
6
CABLE 1.8m
OV or +3.3V or +5V
(default is 0V)
1
2
3
4
5
6
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
POWER* - default is GND, but can be manufactured to provide +3.3V or +5V
Figure 5.1 USB-RS232-WE Connections
Figure 5.2 USB-RS232-WE Mechanical Details (dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com