Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742XI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32H742XI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XI Datasheet(HTML) 2 Page - STMicroelectronics

  STM32H742XI Datasheet HTML 1Page - STMicroelectronics STM32H742XI Datasheet HTML 2Page - STMicroelectronics STM32H742XI Datasheet HTML 3Page - STMicroelectronics STM32H742XI Datasheet HTML 4Page - STMicroelectronics STM32H742XI Datasheet HTML 5Page - STMicroelectronics STM32H742XI Datasheet HTML 6Page - STMicroelectronics STM32H742XI Datasheet HTML 7Page - STMicroelectronics STM32H742XI Datasheet HTML 8Page - STMicroelectronics STM32H742XI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 357 page
background image
STM32H742xI/G STM32H743xI/G
2/357
DS12110 Rev 10
• 3× PLLs (1 for the system clock, 2 for kernel
clocks) with Fractional mode
Interconnect matrix
•
3 bus matrices (1 AXI and 2 AHB)
•
Bridges (5× AHB2-APB, 2× AXI2-AHB)
4 DMA controllers to unload the CPU
• 1× high-speed master direct memory access
controller (MDMA) with linked list support
• 2× dual-port DMAs with FIFO
• 1× basic DMA with request router capabilities
Up to 35 communication peripherals
• 4× I2Cs FM+ interfaces (SMBus/PMBus)
• 4× USARTs/4x UARTs (ISO7816 interface,
LIN, IrDA, up to 12.5 Mbit/s) and 1x LPUART
• 6× SPIs, 3 with muxed duplex I2S audio class
accuracy via internal audio PLL or external
clock, 1x I2S in LP domain (up to 150 MHz)
• 4x SAIs (serial audio interface)
• SPDIFRX interface
• SWPMI single-wire protocol master I/F
• MDIO Slave interface
• 2× SD/SDIO/MMC interfaces (up to 125 MHz)
• 2× CAN controllers: 2 with CAN FD, 1 with
time-triggered CAN (TT-CAN)
• 2× USB OTG interfaces (1FS, 1HS/FS) crystal-
less solution with LPM and BCD
• Ethernet MAC interface with DMA controller
• HDMI-CEC
• 8- to 14-bit camera interface (up to 80 MHz)
11 analog peripherals
• 3× ADCs with 16-bit max. resolution (up to 36
channels, up to 3.6 MSPS)
• 1× temperature sensor
• 2× 12-bit D/A converters (1 MHz)
• 2× ultra-low-power comparators
• 2× operational amplifiers (7.3 MHz bandwidth)
• 1× digital filters for sigma delta modulator
(DFSDM) with 8 channels/4 filters
Graphics
• LCD-TFT controller up to XGA resolution
• Chrom-ART graphical hardware Accelerator
(DMA2D) to reduce CPU load
• Hardware JPEG Codec
Up to 22 timers and watchdogs
• 1× high-resolution timer (2.1 ns max
resolution)
• 2× 32-bit timers with up to 4 IC/OC/PWM or
pulse counter and quadrature (incremental)
encoder input (up to 240 MHz)
• 2× 16-bit advanced motor control timers (up to
240 MHz)
• 10× 16-bit general-purpose timers (up to
240 MHz)
• 5× 16-bit low-power timers (up to 240 MHz)
• 2× watchdogs (independent and window)
• 1× SysTick timer
• RTC with sub-second accuracy and hardware
calendar
Debug mode
• SWD & JTAG interfaces
• 4-Kbyte embedded trace buffer
True random number generators (3
oscillators each)
96-bit unique ID
All packages are ECOPACK2 compliant
Table 1. Device summary
Reference
Part number
STM32H742xI/G
STM32H742VI, STM32H742ZI,
STM32H742II, STM32H742BI,
STM32H742XI, STM32H742AI,
STM32H742VG, STM32H742ZG,
STM32H742IG, STM32H742BG,
STM32H742XG, STM32H742AG
STM32H743xI/G
STM32H743VI, STM32H743ZI,
STM32H743II, STM32H743BI,
STM32H743XI, STM32H743AI,
STM32H743VG, STM32H743ZG,
STM32H743IG, STM32H743BG,
STM32H743XG, STM32H743AG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com