Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742XG Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 14Page - STMicroelectronics STM32H742XG Datasheet HTML 15Page - STMicroelectronics STM32H742XG Datasheet HTML 16Page - STMicroelectronics STM32H742XG Datasheet HTML 17Page - STMicroelectronics STM32H742XG Datasheet HTML 18Page - STMicroelectronics STM32H742XG Datasheet HTML 19Page - STMicroelectronics STM32H742XG Datasheet HTML 20Page - STMicroelectronics STM32H742XG Datasheet HTML 21Page - STMicroelectronics STM32H742XG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 357 page
background image
Description
STM32H742xI/G STM32H743xI/G
18/357
DS12110 Rev 10
STM32H742xI/G and STM32H743xI/G devices operate in the –40 to +85 °C temperature
range from a 1.62 to 3.6 V power supply. The supply voltage can drop down to 1.62 V by
using an external power supervisor (see Section 3.5.2: Power supply supervisor) and
connecting the PDR_ON pin to VSS. Otherwise the supply voltage must stay above 1.71 V
with the embedded power voltage detector enabled.
Dedicated supply inputs for USB (OTG_FS and OTG_HS) are available on all packages
except LQFP100 to allow a greater power supply choice.
A comprehensive set of power-saving modes allows the design of low-power applications.
STM32H742xI/G and STM32H743xI/G devices are offered in 8 packages ranging from 100
pins to 240 pins/balls. The set of included peripherals changes with the device chosen.
These features make STM32H742xI/G and STM32H743xI/G microcontrollers suitable for a
wide range of applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
•
Mobile applications, Internet of Things
•
Wearable devices: smart watches.
Figure 1 and Figure 2 shows the device block diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com