Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2330UTM Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330UTM Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LMX2330UTM Datasheet HTML 31Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 33Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 34Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 35Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 36Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 37Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 38Page - National Semiconductor (TI) LMX2330UTM Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
2.0 Programming Description (Continued)
2.4 IF R REGISTER
The IF R register contains the IF R_CNTR, PD_POL IF, ID
o IF, and TRI-STATE IDo IF control words, in addition to two bits that
compose the F
oLD control word. The detailed descriptions and programming information for each control word is discussed in the
following sections. IF R_CNTR[14:0]
Reg. Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
Data Field
Address
Field
IF
R
FoLD0 FoLD2
TRI-
STATE
IDo
IF
IDo
IF
PD_
POL
IF
IF R_CNTR[14:0]
0
0
2.4.1 IF R_CNTR[14:0]
IF SYNTHESIZER PROGRAMMABLE REFERENCE DIVIDER (R COUNTER)
IF R[2:16]
The IF reference divider (IF R_CNTR) can be programmed to support divide ratios from 3 to 32767. Divide ratios less than 3 are
prohibited.
Divide Ratio
IF R_CNTR[14:0]
14
13
12
11
10
9876543210
3
000000000000011
4
000000000000100
•
•••••••••••••••
32767
111111111111111
2.4.2 PD_POL IF
IF SYNTHESIZER PHASE DETECTOR POLARITY
IF R[17]
The PD_POL IF bit is used to control the IF synthesizer’s phase detector polarity based on the VCO tuning characteristics.
Control Bit
Register Location
Description
Function
01
PD_POL IF
IF R[17]
IF Phase Detector
Polarity
IF VCO Negative
Tuning
Characteristics
IF VCO Positive
Tuning
Characteristics
IF VCO Characteristics
10136609
2.4.3 ID
o IF
IF SYNTHESIZER CHARGE PUMP CURRENT GAIN
IF R[18]
The ID
o IF bit controls the IF synthesizer’s charge pump gain. Two current levels are available.
Control Bit
Register Location
Description
Function
01
ID
o IF
IF R[18]
IF Charge Pump
Current Gain
LOW
0.95 mA
HIGH
3.80 mA
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com