| Electronic Components Datasheet Search |
|
VSC06PSB03 Datasheet(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
VSC06PSB03 Datasheet(HTML) 2 Page - ITT Industries |
|
2 / 4 page ![]() Product Features • Sealed to IP67 when mated • Socapex compatible • Machined aluminum shells • Black, hard anodized (non-conductive) finish for scratch and wear resistant surface • Heavy duty ribbed coupling ring to provide easy manual coupling and uncoupling • Six circuit identification on front and rear of inserts • Recessed area in back of Female insert to accept grounding disk • Seven forward contacts for “First make, last break” grounding • Insulating sleeve VSC 06 P - C - M40A Cable Clamp M40S 15-23mm M40A 19-28mm M40B 22-32mm PG29 18-26mm B01 10.3mm diameter European B02 .450mm diameter SJO USA 11.8 mm diameter European B03 .610mm diameter SO USA ITT’s Veam VSC is a threaded coupling multi-pin cylindrical connector for lighting applications. Veam is well known for the quality and ruggedness of it’s popular quarter-turn lock “CIR Series” and has utilized CIR’s superior design concepts to provide a very rugged version of the Socapex SL-419 connector family. Male Connectors Inline complete with an aluminum backshell and a compression grip cable seal (see cable range above). Both solder or crimp contacts available. Inline complete with an aluminum backshell and a break out strain relief system (see cable range above). Both solder or crimp contacts available. Watertight to IP67. Panel Plug (see mounting hole dimensions above). Both solder or crimp contacts available. Ordering Information Technical Parameters Voltage Rating: 700 VDC, 500 VAC Current Rating: 41A max; 25A Rated Temperature Rating: -55° C to +125° C Contact Plating: Gold (41.04) 1.616 TYP (ø3.66 ) +.13 -0 ø1.937 THRU (ø49.2) 4 HOLES THRU ø.144 +.005 -.000 Mounting Hole Diagram Dimensions are in (mm) inches Code Digit C- Crimp contacts S- Solder contacts Shell Type 06 - Plug 02 - Receptacle 01 - Cable connecting plug 26 - Panel mounting plug Contact Type P - Male S - Female Socapex is a registered trademark of Amphenol Corporation. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |