Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CAB100 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PCF5271CAB100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CAB100 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PCF5271CAB100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 50Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 51Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 52Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 53Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 54Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 55Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
53
Figure 22. Test Access Port Timing
Figure 23. TRST Timing
8.14 Debug AC Timing Specifications
Table 44 lists specifications for the debug AC timing parameters shown in Figure 25.
Table 44. Debug AC Timing Specification
Num
Characteristic
150 MHz
Units
Min
Max
DE0
PSTCLK cycle time
0.5
tcyc
DE1
PST valid to PSTCLK high
4
ns
DE2
PSTCLK high to PST invalid
1.5
ns
DE3
DSCLK cycle time
5
tcyc
DE4
DSI valid to DSCLK high
1
tcyc
Input Data Valid
Output Data Valid
Output Data Valid
TCLK
TDI
TDO
TDO
TDO
TMS
VIL
VIH
J9
J10
J11
J12
J11
TCLK
TRST
J14
J13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com