Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6204 Datasheet(PDF) 13 Page - Linear Technology

Part # 6204
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6204 Datasheet(HTML) 13 Page - Linear Technology

Back Button 6204 Datasheet HTML 9Page - Linear Technology 6204 Datasheet HTML 10Page - Linear Technology 6204 Datasheet HTML 11Page - Linear Technology 6204 Datasheet HTML 12Page - Linear Technology 6204 Datasheet HTML 13Page - Linear Technology 6204 Datasheet HTML 14Page - Linear Technology 6204 Datasheet HTML 15Page - Linear Technology 6204 Datasheet HTML 16Page - Linear Technology 6204 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT6202/LT6203/LT6204
13
620234fa
Common Mode Rejection Ratio
vs Frequency
Channel Separation vs Frequency
Power Supply Rejection Ratio
vs Frequency
Series Output Resistor vs
Capacitive Load
Series Output Resistor vs
Capacitive Load
Settling Time vs Output Step
(Noninverting)
Settling Time vs Output Step
(Inverting)
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
120
100
80
60
40
20
0
10k
1M
10M
1G
LT6202/03/04 G27
100k
100M
VS = 5V, 0V
VCM = VS/2
FREQUENCY (MHz)
0.1
–80
–60
–40
1
10
100
LT6202/03/04 G27.1
–100
–90
–70
–50
–110
–120
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
20
30
50
70
80
1k
100k
1M
100M
LT6202/03/04 G28
10
10k
10M
60
40
0
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = 5V, 0V
TA = 25°C
VCM = VS/2
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
LT6202/03/04 G29
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
VS = 5V, 0V
AV = 1
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
LT6202/03/04 G30
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
VS = 5V, 0V
AV = 2
OUTPUT STEP (V)
–4
0
50
100
150
200
–3
–2
–1
0
LT6202/03/04 G31
12
3
4
1mV
1mV
10mV
10mV
VS = ±5V
AV = 1
TA = 25°C
VIN
VOUT
500
Ω
OUTPUT STEP (V)
–4
0
50
100
150
200
–3
–2
–1
0
LT6202/03/04 G32
12
3
4
1mV
1mV
10mV
10mV
VS = ±5V
AV = –1
TA = 25°C
VIN
VOUT
500
Ω
500
Ω
FREQUENCY (Hz)
10k
6
8
10
100k
1M
10M
LT6202/03/04 G33
4
5
7
9
3
2
AV = –1
AV = 2
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
LT6202/03/04 G34
–70
–80
–90
AV = 1
VS = ±2.5V
VOUT = 2V(P-P)
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 3RD
RL = 100Ω, 2ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com