Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD41C Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # MJD41C
Description  TO-252-2L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MJD41C Datasheet(HTML) 4 Page - Nanjing International Group Co

  MJD41C Datasheet HTML 1Page - Nanjing International Group Co MJD41C Datasheet HTML 2Page - Nanjing International Group Co MJD41C Datasheet HTML 3Page - Nanjing International Group Co MJD41C Datasheet HTML 4Page - Nanjing International Group Co MJD41C Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
0.000
0.127
0.000
0.005
b
0.635
0.770
0.025
0.030
c
0.460
0.580
0.018
0.023
D
6.500
6.700
0.256
0.264
D1
5.100
5.460
0.201
0.215
D2
E
6.000
6.200
0.236
0.244
e
2.186
2.386
0.086
0.094
L
9.712
10.312
0.382
0.406
L1
L2
1.400
1.700
0.055
0.067
L3
L4
0.600
1.000
0.024
0.039
Φ
1.100
1.300
0.043
0.051
θ
0°
8°
0°
8°
h
0.000
0.300
0.000
0.012
V
1.600 REF.
0.063 REF.
5.250 REF.
0.207 REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.900 REF.
0.114 REF.
4.830 REF.
0.190 REF.
TO-252-2L Package Outline Dimensions
TO-252-2L Suggested Pad Layout
A1
D
D1
e
b
c
A
D2
φ
θ
h
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com