Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B92 Datasheet(PDF) 14 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 14 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. B92 Datasheet HTML 12Page - Apacer Technology Inc. B92 Datasheet HTML 13Page - Apacer Technology Inc. B92 Datasheet HTML 14Page - Apacer Technology Inc. B92 Datasheet HTML 15Page - Apacer Technology Inc. B92 Datasheet HTML 16Page - Apacer Technology Inc. B92 Datasheet HTML 17Page - Apacer Technology Inc. B92 Datasheet HTML 18Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
13
© 2021 Apacer Technology Inc.
7. Security & Reliability Features
7.1 Thermal Sensor
Apacer Thermal Sensor is a digital temperature sensor with serial interface. By using designated pins
for transmission, storage device owners are able to read temperature data.
7.2 Thermal Throttling
Thermal throttling can monitor the temperature of the SSD equipped with a built-in thermal sensor.
This method can ensure the temperature of the device stays within temperature limits by drive
throttling, i.e. reducing the speed of the drive when the device temperature reaches the threshold level,
so as to prevent overheating, guarantee data reliability, and prolong product lifespan. When the
temperature exceeds the maximum threshold level, thermal throttling will be triggered to reduce
performance step by step to prevent hardware components from being damaged. Performance is only
permitted to drop to the extent necessary for recovering a stable temperature to cool down the
device’s temperature. Once the temperature decreases to the minimum threshold value, transfer
speeds will rise back to its optimum performance level.
7.3 Advanced Encryption Standard
Advanced Encryption Standard (AES) is a specification for the encryption of electronic data. AES has
been adopted by the U.S. government since 2001 to protect classified information and is now widely
implemented in embedded computing applications. The AES algorithm used in software and hardware
is symmetric so that encrypting/decrypting requires the same encryption key. Without the key, the
encrypted data is inaccessible to ensure information security.
Notably in flash memory applications, AES 256-bit hardware encryption is the mainstream to protect
sensitive or confidential data. The hardware encryption provides better performance, reliability, and
security than software encryption. It uses a dedicated processor, which is built inside the controller, to
process the encryption and decryption. This enormously shortens the processing time and makes it
efficient.
7.4 End-to-End Data Protection
End-to-End Data Protection is a feature implemented in Apacer SSD products that extends error
control to cover the entire path from the host computer to the drive and back, and that ensures data
integrity at multiple points in the path to enable reliable delivery of data transfers. Unlike ECC which
does not exhibit the ability to determine the occurrence of errors throughout the process of data
transmission, End-to-End Data Protection allows SSD controller to identify an error created anywhere
in the path and report the error to the host computer before it is written to the drive. This error-
checking and error-reporting mechanism therefore guarantees the trustworthiness and reliability of the
SSD.
7.5 Signed Firmware
Apacer’s Signed Firmware technology is a secure way to update firmware. By including a digital
signature, a firmware update will be authenticated by the Apacer SSD before a firmware update is
performed. This extra layer of protection keeps drives secure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com