Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH3R02
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R02 Datasheet(HTML) 6 Page - STMicroelectronics

  STTH3R02 Datasheet HTML 1Page - STMicroelectronics STTH3R02 Datasheet HTML 2Page - STMicroelectronics STTH3R02 Datasheet HTML 3Page - STMicroelectronics STTH3R02 Datasheet HTML 4Page - STMicroelectronics STTH3R02 Datasheet HTML 5Page - STMicroelectronics STTH3R02 Datasheet HTML 6Page - STMicroelectronics STTH3R02 Datasheet HTML 7Page - STMicroelectronics STTH3R02 Datasheet HTML 8Page - STMicroelectronics STTH3R02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH3R02
6/9
3
Package information
●
Epoxy meets UL94, V0
●
Cooling method: by conduction (C)
Table 5.
DO-201AD Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
B
25.40
1.000
C
5.30
0.209
D
1.30
0.051
E
1.25
0.049
Notes
1 - The lead diameter ø D is not
controlled over zone E
2 - The minimum length which must stay
straight between the right angles after
bending is 0.59"(15mm)
Table 6.
DO-15 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com