Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R02RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH3R02RL
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R02RL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH3R02RL Datasheet HTML 1Page - STMicroelectronics STTH3R02RL Datasheet HTML 2Page - STMicroelectronics STTH3R02RL Datasheet HTML 3Page - STMicroelectronics STTH3R02RL Datasheet HTML 4Page - STMicroelectronics STTH3R02RL Datasheet HTML 5Page - STMicroelectronics STTH3R02RL Datasheet HTML 6Page - STMicroelectronics STTH3R02RL Datasheet HTML 7Page - STMicroelectronics STTH3R02RL Datasheet HTML 8Page - STMicroelectronics STTH3R02RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH3R02
Ordering information scheme
5/9
2
Ordering information scheme
Figure 11.
Dynamic parameters versus
junction temperature
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under each lead for DO-15 and
DO-201AD (Epoxy printed circuit
board FR4, eCU = 35µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj] /QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=3A
V
R=160V
Tj(°C)
R
th(j-a)(°C/W)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DO-201AD
DO-15
SCu(cm²)
Figure 13.
Thermal resistance versus copper
surface under each lead for SMC
(Epoxy printed circuit board FR4,
eCU = 35µm)
Figure 14.
Thermal resistance versus lead
length for DO-201AD package
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
SMC
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
5
1015
2025
R
th(°C/W)
DO-201AD
Rth(j-a)
Rth(j-l)
Lleads(mm)
STTH
3 R
02 XXX
Ultrafast switching diode
Average forward current
3 = 3 A
02 = 200 V
Blank = DO-201 in Ammopack
RL = DO-201 in Tape and reel
Q = DO-15 in Ammopack
QRL = DO-15 in Tape and reel
S= SMC in Tape and reel
Model R
Package
Repetitive peak reverse voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com