Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3010
Description  Ultrafast recovery - high voltage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3010 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3010 Datasheet HTML 1Page - STMicroelectronics STTH3010 Datasheet HTML 2Page - STMicroelectronics STTH3010 Datasheet HTML 3Page - STMicroelectronics STTH3010 Datasheet HTML 4Page - STMicroelectronics STTH3010 Datasheet HTML 5Page - STMicroelectronics STTH3010 Datasheet HTML 6Page - STMicroelectronics STTH3010 Datasheet HTML 7Page - STMicroelectronics STTH3010 Datasheet HTML 8Page - STMicroelectronics STTH3010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH3010
4/10
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
t (ns)
rr
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
400
450
500
V
R=600V
T
j=125°C
I
F=0.5 x IF(AV)
I
F= 2 x IF(AV)
I
F=IF(AV)
dI /dt(A/µs)
F
Q (µC)
rr
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
350
400
450
500
I
F=0.5 x IF(AV)
I
F= IF(AV)
I
F= 2 x IF(AV)
V
R=600V
T
j=125°C
dI /dt(A/µs)
F
Figure 7.
Softness factor versus
dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
S factor
0.50
0.75
1.00
1.25
1.50
0
50
100
150
200
250
300
350
400
450
500
I
F = 2 x IF(AV)
V
R=600V
T
j=125°C
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25
50
75
100
125
Q
RR
S
factor
I
F = IF(AV)
V
R=600V
Reference: T
j=125°C
t
RR
I
RM
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com