Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4SIM-200M Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST4SIM-200M
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SIM-200M Datasheet(HTML) 3 Page - STMicroelectronics

  ST4SIM-200M Datasheet HTML 1Page - STMicroelectronics ST4SIM-200M Datasheet HTML 2Page - STMicroelectronics ST4SIM-200M Datasheet HTML 3Page - STMicroelectronics ST4SIM-200M Datasheet HTML 4Page - STMicroelectronics ST4SIM-200M Datasheet HTML 5Page - STMicroelectronics ST4SIM-200M Datasheet HTML 6Page - STMicroelectronics ST4SIM-200M Datasheet HTML 7Page - STMicroelectronics ST4SIM-200M Datasheet HTML 8Page - STMicroelectronics ST4SIM-200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
Description
The ST4SIM-200M is an STMicroelectronics top-class GSMA embedded SIM (eSIM or eUICC) product designed
for all industrial devices.
It is compliant with the GSM Association (GSMA) remote provisioning specification SGP.02 v3.2.
The device can manage different MNO profiles while ensuring the appropriate security level to all eSIM
stakeholders (user, MNO, OEM, hardware integrator, service provider, and so on).
The device can include an embedded secure element to store credentials and/or independent applications directly
managed by the MCU (or by another OEM element).
The device provides a secure and interoperable Java® Card environment compliant with Java® Card v3.0.4
classic. Moreover, the device integrates the most advanced UICC features compliant with GlobalPlatform®, ETSI,
3GPP, 3GPP2 specifications.
The device integrates a dynamic memory management with Java® Card garbage collection mechanism
optimizing the usage of the memory.
The device is based on the ST33G1M2M, an industrial grade hardware solution (JEDEC) supporting severe
conditions. This solution is a tamper-resistant secure element certified by Common Criteria EAL5+, with a
powerful 32-bit Arm® SecurCore® SC300™ RISC core.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
Note:
Java is a registered trademark of Oracle and/or its affiliates.
ST4SIM-200M
Description
DB4082 - Rev 5
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com