Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4SI2M0020TPIFW Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 5 Page - STMicroelectronics

  ST4SI2M0020TPIFW Datasheet HTML 1Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 2Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 3Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 4Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 5Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3
eSIM GSMA solution
The ST4SIM-200M is a GSMA eSIM solution compliant with the eSIM M2M specifications from the GSM
Association (GSMA). This solution integrates a new secure architecture and complete ecosystem able to manage
cellular network connectivity remotely without impacting the eSIM component.
Thanks to this eSIM technology, IoT devices can now be deployed to the field with one network connectivity
solution and if at some later stage, this solution needs to be changed, a new one can be put in place through the
network. So, no need for a product recall, nor product maintenance.
This solution is flexible and does not depend on a particular operator. For M2M, including industrial and
automotive markets, this solution is service-oriented; the profile is remotely controlled by the service provider
through a platform (push model). In this case, end-user interaction is not required.
Figure 3. eSIM GSMA solution overview
The ST4SIM-200M is interoperable with large subscription management platforms already deployed in the field.
STMicroelectronics has attended all test fest sessions driven by GlobalPlatform (including PoC on SM-SR
changes initiated by GSMA) and submitted all the platform solution interfaces (ES5, ES6 and ES8 interfaces).
The device offers a complete ecosystem thanks to STMicroelectronics trusted partners. Our partners provide
the connectivity profile and the subscription management platform to provision and remotely manage operator
profiles. (Contact the local STMicroelectronics sales office for more details on STMicroelectronics trusted
partners)
Based on a certified Common Criteria EAL5+ secure hardware solution, the ST4SIM-200M is a GSMA-certified
solution compliant with the GSMA M2M specification SGP.02 v3.2. It provides a flexible and scalable solution
while maintaining the best level of security.
The ST4SIM-200M integrates the GSMA architecture with the profile management mechanisms. A profile
contains the operator network data related to a subscription (operator’s credentials, file system, PINs/PUKs,
network authentication, application and so on). Each profile is independent of other profiles.
Figure 4. eSIM architecture overview
ST4SIM-200M
eSIM GSMA solution
DB4082 - Rev 5
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com