Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7923KFL Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC7923KFL
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KFL Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC7923KFL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 12
G52203-0, Rev 3.0
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information - 24 Pin Ceramic Package
Top View
Side View
NOTES: Drawing not to scale.
Package #: 101-312-0 Issue #:1
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16
17
18
24
23
22
21
20
19
INDEX
A
E
A
D
I
C
G
F
H
J
B
Key
mm
In
A
9.5
0.374
B
7.7
0.303
C
2.0
0.079
D1.27
0.050
E0.30
0.012
F
1.7
0.067
G
0.6
0.024
H11.5
0.453
I
0.125
0.005
J8.51
0.335
L id #: 101-303-1 Issue #:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com