Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7101J2ABE21 Datasheet(PDF) 20 Page - ITT Industries

Part # 7101J2ABE21
Description  Rocker and Lever Handle Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

7101J2ABE21 Datasheet(HTML) 20 Page - ITT Industries

Back Button 7101J2ABE21 Datasheet HTML 12Page - ITT Industries 7101J2ABE21 Datasheet HTML 13Page - ITT Industries 7101J2ABE21 Datasheet HTML 14Page - ITT Industries 7101J2ABE21 Datasheet HTML 15Page - ITT Industries 7101J2ABE21 Datasheet HTML 16Page - ITT Industries 7101J2ABE21 Datasheet HTML 17Page - ITT Industries 7101J2ABE21 Datasheet HTML 18Page - ITT Industries 7101J2ABE21 Datasheet HTML 19Page - ITT Industries 7101J2ABE21 Datasheet HTML 20Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
CONTACT MATERIAL
U11-U415 model numbers
with all options when ordered with G, L, M
or Q contact material.
CONTACT MATERIAL/APPLICATION RECOMMENDATIONS–SEE CHART, PAGE L-31.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
B contact material standard with all terminations except C, Z & Z3.
Q contact material standard with C, Z & Z3 terminations.
K, L & M contact materials not available with Z & Z3 terminations.
V4, V9
4PDT
7401J1__BE2
PC MOUNTING
V41, V91
Actuator Shown In Pos. 1
Not available with I seal option.
Available actuators, see pages F-13 and F-14.
SNAP-IN
TERMINATIONS
VERTICAL MOUNT, V-BRACKET, SNAP-IN
VERTICAL MOUNT, V-BRACKET
SEAL
E (STD.) EPOXY SEAL
‘A’
I
Available with C, W-W5, Z & Z3 terminations.
EPOXY POTTED BASE
Rocker and Lever Handle Switches
C&K 7000 Series
F
F-22
www.ittcannon.com
ITT Industries
Cannon
OPTION
CODE
DIM ‘A’
V4, V41
.630 (16,00)
V9, V91
1.150 (29,21)
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
B (STD.)
1
GOLD 1
K
GOLD 1
TIN-LEAD 6
LOW LEVEL/ DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
Q (STD.)
SILVER 45
SILVER 5
M
SILVER 4,5
TIN-LEAD 6
POWER
5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
G
GOLD 3
04VAMAX @20VACORDCMAX OR5AMPS@120VACOR
L
GOLD OVER SILVER 2,3
TIN-LEAD 6
LOW LEVEL/ DRY CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX. OR 5 AMPS @ 120 V AC OR
28 V DC; 2 AMPS @ 250 V AC.
NO.
POLES
DIM ‘A’
SP
.410 (10,41)
DP
.440 (11,18)
3P
.505 (12,83)
4P
.505 (12,83)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com