Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ3612 Datasheet(PDF) 2 Page - ebm-papst

Part # IQ3612
Description  iQ-motor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

IQ3612 Datasheet(HTML) 2 Page - ebm-papst

  IQ3612 Datasheet HTML 1Page - ebm-papst IQ3612 Datasheet HTML 2Page - ebm-papst IQ3612 Datasheet HTML 3Page - ebm-papst IQ3612 Datasheet HTML 4Page - ebm-papst IQ3612 Datasheet HTML 5Page - ebm-papst IQ3612 Datasheet HTML 6Page - ebm-papst IQ3612 Datasheet HTML 7Page - ebm-papst IQ3612 Datasheet HTML 8Page - ebm-papst IQ3612 Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
32
Same on the outside – better on the inside!
Exchange your old motor for 70 % more efficiency
During the development of the iQ-motor, our engineers took giant strides towards reducing energy
costs and fulfilling environmental protection requirements. By integrating ebm-papst EC technology,
new iQ-motor now features far better efficiency and pays for itself quickly due to its significant
energy-savings.
The best part of all: from the outside, it is the same old fan. The identical dimensions and mounting
options enable simple replacement without changes, structural modifications or any other extra
effort. Axial impellers with diameters of 154 to 254 mm can be installed on the new iQ-motor just
as before. The same applies to the mounting flange, the wall ring and the guard grille. Therefore,
thousands of applications can easily be made more energy-efficient as part of routine maintenance,
and may benefit at once from a drastic increase in efficiency, without any development effort.
The best equipment – not just in an emergency
Of course, the enormous increase in energy efficiency is not the only feature we have packed into the
intelligent motor. Important electronic features ensure that the iQ-motor works even more “conscien-
tiously” than its simple counterpart. For example, the motor has a closed loop speed control that
keeps it at the same speed at all times, regardless of the diameter of the installed blade. With dirt or
other interference factors, they do not cause an overload of the motor. The iQ-motor continues
working at reduced speed.
One design – thousands of applications
Just one design is compatible with the entire range of impellers, from 154 to 254 mm. This makes
logistics easier and keeps your development effort low. Moreover, the smallest size, the iQ 3608, is
the most compact version of an EC motor for its field of application in refrigeration. It has an axial
installation depth of only 74 mm, thus guaranteeing the necessary little bit of air in very tight
installation spaces.
Energy-saving and quiet – throughout its long service
All variants share the low-noise performance and the famous long service life that have made this
motor type so popular for so long. A critical role is played by a particularly low-friction bearing
system with double ball bearings. Thus the iQ-motor can continue to yield its enormous savings
potential for a very, very long time after only a brief amortisation phase. Available options include
the IP 54 type of protection and, of course, a standards-compliant TÜV approval.
Typical of ebm-papst: we have taken a standard motor and a principle that for decades has enjoyed
success in countless applications and made it more intelligent, energy-efficient and environmentally
friendly! Features of the shaded-pole motor (Q-motor) such as outstanding running smoothness, low
maintenance and a long service life have made asynchronous motors a standard component in small
fans. Our objective was to significantly improve the inner mechanism of the Q-motor by incorporating
EC technology – while keeping the exterior design identical. Conventional Q-motors can now be
replaced with the new “iQ”-motors if the fans fail or if a more energy-efficient solution is required.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com