Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP8540 Datasheet(PDF) 2 Page - Hosiden Corporation

Part # TCP8540
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8540 Datasheet(HTML) 2 Page - Hosiden Corporation

  TCP8540 Datasheet HTML 1Page - Hosiden Corporation TCP8540 Datasheet HTML 2Page - Hosiden Corporation TCP8540 Datasheet HTML 3Page - Hosiden Corporation TCP8540 Datasheet HTML 4Page - Hosiden Corporation TCP8540 Datasheet HTML 5Page - Hosiden Corporation TCP8540 Datasheet HTML 6Page - Hosiden Corporation TCP8540 Datasheet HTML 7Page - Hosiden Corporation TCP8540 Datasheet HTML 8Page - Hosiden Corporation TCP8540 Datasheet HTML 9Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1
Contents/Specifications
Specifications
Rating
1A 100V AC max. or
.
x
a
m
C
D
V
2
1
A
2
Insulation Resistance
50M min. at 250V DC
Dielectric Strength
250V AC / 1 minute
Contact Resistance
30m max.
Engaging Force
45N max.
Separating Force
9N to 30N
Contents / Specifications ............................................... 1
Arrangements / Specifications for Standard Cables ...... 2
Product Lineup.......................................................... 3 - 5
Plugs & Sockets Mating Table ....................................... 6
Moulded Type Straight Plugs .................................... 7 - 8
Moulded Type Right Angle Plugs................................... 9
Assembly Type Right Angle Plugs ............................... 10
Horizontal Sockets................................................ 11 - 17
Vertical Sockets .................................................... 18 - 21
Chassis Mount Type Sockets....................................... 22
Sockets with Cable ...................................................... 23
Horizontal Sockets (Quick Lock Type) ................. 24 - 25
Plugs (Quick Lock Type) ............................................. 26
Sockets with Cable (Quick Lock Type)......................... 27
7P Connectors............................................................. 28
9P Connectors............................................................. 29
9P Plugs (Moulded Type)............................................. 30
9P Sockets ........................................................... 31 - 32
10P Plugs (Quick Lock Type)....................................... 33
10P Sockets (Quick Lock Type) ................................... 34
10P Connectors (Quick Lock Type)......................
.
35
13P Connectors (Quick Lock Type).............................. 36
13P Sockets (Quick Lock Type) ................................... 37
Insulating Caps............................................................ 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com