Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP8570 Datasheet(PDF) 12 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 12 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 8Page - Hosiden Corporation TCP8570 Datasheet HTML 9Page - Hosiden Corporation TCP8570 Datasheet HTML 10Page - Hosiden Corporation TCP8570 Datasheet HTML 11Page - Hosiden Corporation TCP8570 Datasheet HTML 12Page - Hosiden Corporation TCP8570 Datasheet HTML 13Page - Hosiden Corporation TCP8570 Datasheet HTML 14Page - Hosiden Corporation TCP8570 Datasheet HTML 15Page - Hosiden Corporation TCP8570 Datasheet HTML 16Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
11
Unit:mm
h=4.6mm
TCS7726 Series
Low-Profile PC Board Type
Horizontal Sockets
A-Type
TCS7726-1620387
EMI-Proof
B-Type
TCS7726-5622387
EMI-Proof
10.8
∅9.2
2.2
4.9
12.5
M2×0.4TAP
0.9 min.
※Combinations with plugs: TCP8300 Series (Page 8)[TCS7726-5622387]
Model No. Table
Contact Arrangement
a
8
6
4
4
3
1
2
6
5
3
1
2
4
8
6
7
3
4
1
2
5
TCS7726
Series
A-Type (without Flange)
TCS7726-1420387
TCS7726-1620387
TCS7726-1820387
B-Type (with Flange)
TCS7726-5422387
TCS7726-5622387
TCS7726-5822387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com