Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST-SP12AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PST-SP12AL
Description  12 Volt and 24 Volt 36 and 72 Watt DC UPS Battery Backup Power Supplies, DIN Rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PST-SP12AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PST-SP12AL Datasheet HTML 1Page - List of Unclassifed Manufacturers PST-SP12AL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Battery charge current
200 mA max
Certificates
CE mark
ROHS
ROHS available on special order
Overcurrent protection
The power supply will continue to supply power up to 140% of rated
current and then will go into "hiccough" mode, turning on briefly to check if
the current is too high, then turn off again. During the "off" phase of the
hiccough battery power is present.
LED Indicator
LED is on when DC output is present
Adjustable Current Limit
Universal input AC/DC switching power supply with DC UPS
DC Battery Backup, charges 12 volt lead acid battery (or 24 volt lead acid battery) and switches over to battery power upon
power failure with zero crossover time
During Power Failure the battery voltage passes through without regulation
35 mm DIN mounting (EN50022-35) or flange mounting brackets included
Output Voltage adjustment
Remote on/off feature controls both the AC and Battery Backup power
Over Temperature Protection
Over Current protection
High efficiency switching power supply with universal input and battery back up
Can be used in parallel for increase in current
The battery is external and can be sized to meet your backup needs
The battery is not included in the price, but can be obtained from PowerStream
Soft start
36 Watt Battery Backup Power Supply
72 Watt Battery Backup Power Supply
12V Wiring Information
24V Wiring Information
User's Manual
[Home] [PowerStream] [Site Map]
[Tech Resources] [Policy and Privacy]
[Contact Us]
2 volt battery back up DC UPS, 24 volt battery back up DC UPS. Battery back up, Battery backup switchmode AC/DC power
supply with universal input.
PowerStream Technology
1163 South 1680 West
Orem Utah 84058
Phone: 801-764-9060 Fax: 801-764-9061
© Copyright 2000, 2002, 2003, 2004, 2005, 2006, 2008,2009, 2010, 2011,
2012, 2013, 2014, 2015
Lund Instrument Engineering, Inc. All rights reserved. by Mark W. Lund
Google Author Verification
Search Site
Home
Polymer Molding
Batteries & Packs
Battery Chargers
Power Supplies
DC/DC Converters
Automotive
CCTV / Security
Spot Welders
Inverters
Custom Products
Technical Resources
Surplus
Consulting
Blog
Power Humor
Contact Us
Site Map
View Cart
Battery Backup for car
electronics
Make your own cell
phone charging power
bank using 3-D printing
In-stock DC UPS 12 volt and 24 volt 36 watt and 72 watt battery backu...
http://www.powerstream.com/12V-backup.htm
2 of 2
4/1/2015 3:29 PM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com