Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8550 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS8550
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS8550 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS8550 Datasheet HTML 1Page - Nanjing International Group Co SS8550 Datasheet HTML 2Page - Nanjing International Group Co SS8550 Datasheet HTML 3Page - Nanjing International Group Co SS8550 Datasheet HTML 4Page - Nanjing International Group Co SS8550 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
3DUDPHWHU
6\PERO
7HVW
FRQGLWLRQV
0LQ
7\S
0D[
8QLW
&ROOHFWRUEDVHEUHDNGRZQYROWDJH
V(BR)CBO
IC=-100uA, IE=0
-40
V
&ROOHFWRUHPLWWHUEUHDNGRZQ YROWDJH
V(BR)CEO
IC=-0.1mA, IB=0
-25
V
(PLWWHUEDVHEUHDNGRZQ YROWDJH
V(BR)EBO
IE=-100 A, IC=0
-5
V
&ROOHFWRUFXWRIIFXUUHQW
ICBO
VCB=-40V, IE=0
-0.1
A
(PLWWHUFXWRIIFXUUHQW
ICEO
VCE=-20V, IE=0
-0.
A
(PLWWHUFXWRIIFXUUHQW
IEBO
VEB=-5V, IC=0
-0.1
uA
hFE(1)
VCE=-1V, IC=-100mA
85
400
'&FXUUHQWJDLQ
hFE(2)
VCE=-1V, IC=-800mA
40
&ROOHFWRUHPLWWHUVDWXUDWLRQYROWDJH
VCE(sat)
IC=-800mA, IB=-80mA
-0.
V
%DVHHPLWWHUVDWXUDWLRQ YROWDJH
VBE(sat)
IC=-800mA, IB=-80mA
-1.2
V
%DVHHPLWWHUYROWDJH
VBE(on)
VCE=-1V, IC=-10mA
-1
V
2XWFDSDFLWDQFH
Cob
VCB=-10V, IE=0mA,f=1MHZ
20
pF
7UDQVLWLRQ IUHTXHQF\
fT
VCE=-10V, IC=-50mA,f=30MHZ
100
MHz
&/$66,),&$7,212)K)( 1
5DQN
B
C
D
D3
5DQJH
85-160
120-200
160-300
300-400
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com