Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP3120 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2DP3120
Description  1:20 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3120 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY2DP3120 Datasheet HTML 1Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 2Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 3Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 4Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 5Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 6Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 7Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 8Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FastEdge™ Series
CY2DP3120
Document #: 38-07514 Rev.*C
Page 9 of 9
Document History Page
Document Title: CY2DP3120 FastEdge™ Series 1:20 Differential Clock/Data Fanout Buffer
Document Number: 38-07514
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
122438
12/05/02
RGL
New data sheet
*A
125457
04/17/03
RGL
Corrected typo Q14 to Q4 in pin 44 in the pin configuration diagram
Changed pin #s 1,14,27 and 40 from VCC to VCCO
Changed title to FastEdge™ Series 1:20 Differential Clock/Data Fanout
Buffer
*B
229391
See ECN
RGL
Supplied data to all TBD’s to match the device
*C
247606
See ECN
RGL/GGK Changed VOH and VOL to match the Char Data



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com