Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RN Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232RN Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © Future Technology Devices International Limited
1
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted, or reproduced in any material or
electronic form without the prior written consent of the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty
as to their suitability for any particular purpose is either made or implied. Future Technology Devices International Ltd will not accept any claim for damages
howsoever arising as a result of use or failure of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use
in any medical appliance, device, or system in which the failure of the product might reasonably be expected to result in personal injury. This document
provides preliminary information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow G41 1HH
United Kingdom. Scotland Registered Company Number: SC136640
Future Technology Devices
International Ltd.
FT232RN
The FT232RN is a USB to serial UART interface
with the following advanced features:
•
Single chip USB to asynchronous serial data
transfer interface.
•
Entire USB protocol handled on the chip. No USB
specific firmware programming required.
•
Fully integrated 1024-bit EEPROM storing device
descriptors and CBUS I/O configuration.
•
Fully integrated USB termination resistors.
•
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface to
external MCU or FPGA.
•
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, RS232) at TTL levels.
•
128 bytes receive buffer, and 256 bytes transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
•
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the requirement
for USB driver development in most cases.
•
Unique USB FTDIChip-ID™ feature.
•
Configurable CBUS I/O pins.
•
Transmit and receive LED drive signals.
•
UART interface support for 7 or 8 data bits, 1 or
2 stop bits and odd / even / mark / space / no
parity
•
FIFO receives and transmits buffers for high
data throughput.
•
Synchronous
and
asynchronous
bit
bang
interface options with RD# and WR# strobes.
•
Device supplied pre-programmed with unique
USB serial number.
•
Supports bus powered, self-powered and high-
power bus powered USB configurations.
•
Integrated +3.3V level converter for USB I/O.
•
Integrated level converter on UART and CBUS
for interfacing to between +1.8V and +5V logic.
•
True 5V/3.3V/2.8V/1.8V CMOS drive output and
TTL input.
•
Configurable I/O pin output drive strength.
•
Integrated power-on-reset circuit.
•
Fully integrated AVCC supply filtering - no
external filtering required.
•
UART signal inversion option.
•
+3.3V to +5.25V Single Supply Operation.
•
Low operating and USB suspend current.
•
Low USB bandwidth consumption.
•
UHCI/OHCI/EHCI host controller compatible.
•
USB 2.0 Full Speed compatible.
•
-40°C to 85°C extended operating temperature
range.
•
Available in compact Pb-free 28 Pin SSOP and
QFN-32 packages (both RoHS compliant).


Similar Part No. - FT232RN

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232R FTDI-FT232R Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results

Similar Description - FT232RN

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com