Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 7Page - STMicroelectronics STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics STSPIN32G4 Datasheet HTML 10Page - STMicroelectronics STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Item
Q.ty
Reference
Description
Value
37
1
LED4
LED indicators, PLCC-4 red/yellow green
Red-green
38
1
L1
WE-PD2 SMT power inductor
18uH, 1A
39
3
NET1, NET2, NET3
PCB short
N.M.
40
1
NTC1
NTC thermistor 0603
10k, 1%
41
6
Q1, Q2, Q3, Q4, Q5,
Q6
N-channel 100 V, 5 mΩ typ., 107 A STripFET F7
Power MOSFET
STL110N10F7
42
1
Q7
NPN general purpose transistor
BC847B
43
13
R1, R6, R7, R8, R9,
R38, R65, R84, R109,
R111, R112, R113,
R118
SMT resistor 0805
0, 0.1 W, 5%
44
7
R2, R41, R42, R43,
R47, R48, R49
SMT resistor 0603
22k, 0.1W, 1%
45
1
R3
SMT resistor 0603
10k, 0.1 W, 1%
46
9
R10, R11, R12, R19,
R20, R21, R22, R23,
R24
SMT resistor 0603
0, 0.1 W, 5%
47
6
R13, R14, R15, R25,
R26, R27
SMT resistor 0603
33, 0.1 W, 5%
48
6
R16, R17, R18, R28,
R29, R30
SMT resistor 0805
N.M.
49
6
R31, R32, R33, R34,
R35, R36
SMT resistor 2512
10 m, 3 W, 1%
50
1
R37
SMT resistor 0603
72.3k, 0.1 W, 1%
51
1
R39
SMT resistor 0603
3.01k, 0.1 W, 1%
52
3
R40, R105, R106
SMT resistor 0603
4.7k, 0.1 W, 1%
53
6
R44, R45, R46, R50,
R51, R52
SMT resistor 0603
1.5k, 0.1 W, 1%
54
3
R53, R54, R55
SMT resistor 0603
11k, 0.1 W, 1%
55
3
R56, R58, R60
SMT resistor 0603
68k, 0.1 W, 1%
56
3
R57, R59, R61
SMT resistor 0603
27k, 0.1 W, 1%
57
3
R62, R63, R64
SMT resistor 0603
3.9k, 0.1 W, 1%
58
15
R66, R67, R68, R69,
R70, R71, R72, R73,
R74, R75, R87, R89,
R100, R108, R115
SMT resistor 0805
N.M.
59
2
R76, R77
SMT resistor 0805
4.7k, 0.5 W, 5%
60
8
R78, R79, R80, R81,
R82, R83, R101, R116
SMT resistor 0603
10k, 0.1 W, 5%
61
4
R85, R86, R88, R117
SMT resistor 0603
N.M.
62
5
R90, R93, R97, R119,
R120
SMT resistor 0603
100k, 0.1 W, 5%
63
3
R91, R92, R96
SMT resistor 0603
200, 0.1 W, 5%
64
2
R94, R95
SMT resistor 0603
120, 0.1 W, 5%
65
1
R98
SMT resistor 0603
120, 0.1 W, 5%
66
1
R99
SMT resistor 0603
10k, 0.1 W, 5%
EVSPIN32G4, EVSPIN32G4NH
Specifications
DB4420 - Rev 1
page 11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com