Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP3110 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP3110
Description  1 of 2:10 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3110 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP3110 Datasheet HTML 1Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 2Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 3Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 4Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 5Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 6Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 7Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 8Page - Cypress Semiconductor CY2DP3110 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 2:10 Differential Clock/Data Fanout Buffer
FastEdge™ Series
CY2DP3110
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07469 Rev.*G
Revised July 28, 2004
Features
• Ten ECL/PECL differential outputs
• One ECL/PECL differential or single-ended inputs
(CLKA)
• One HSTL differential or single-ended inputs (CLKB)
• Hot-swappable/-insertable
• 50 ps output-to-output skew
• 150 ps device-to-device skew
• 400 ps propagation delay (typical)
• 1.2 ps RMS period jitter (max.)
• 1.5 GHz Operation (2.7 GHz maximum toggle
frequency)
• PECL and HSTL mode supply range: VCC = 2.5V± 5% to
3.3V±5% with VEE = 0V
• ECL mode supply range: VE E = –2.5V± 5% to –3.3V±5%
with VCC = 0V
• Industrial temperature range: –40°C to 85°C
• 32-pin TQFP package
• Temperature compensation like 100K ECL
• Pin-compatible with MC100ES6111
Functional Description
The CY2DP3110 is a low-skew, low propagation delay 2-to-10
differential fanout buffer targeted to meet the requirements of
high-performance clock and data distribution applications. The
device is implemented on SiGe technology and has a fully
differential internal architecture that is optimized to achieve
low signal skews at operating frequencies of up to 1.5 GHz.
The device features two differential input paths that are multi-
plexed internally. This mux is controlled by the CLK_SEL pin.
The CY2DP3110 may function not only as a differential clock
buffer but also as a signal-level translator and fanout on HSTL
single-ended signal to 10 ECL/PECL differential loads. An ex-
ternal bias pin, VBB, is provided for this purpose. In such an
application, the VBB pin should be connected to either one of
the CLKA# or CLKB# inputs and bypassed to ground via a
0.01-
µF capacitor. Traditionally, in ECL, it is used to provide
the reference level to a receiving single-ended input that might
have a different self-bias point.
Since the CY2DP3110 introduces negligible jitter to the timing
budget, it is the ideal choice for distributing high frequency,
high precision clocks across back-planes and boards in com-
munication systems. Furthermore, advanced circuit design
schemes, such as internal temperature compensation, ensure
that the CY2DP3110 delivers consistent performance over
various platforms
Block Diagram
Pin Configuration
VBB
VEE
VEE
VCC
CLKA
CLKA#
CLKB
CLKB#
CLK_SEL
VEE
VCC
Q0
Q0#
Q1
Q1#
Q2
Q2#
Q3
Q3#
Q4
Q4#
Q5
Q5#
Q6
Q6#
Q8
Q8#
Q9
Q9#
Q7
Q7#
V
BB
CY2DP3110
Q3
Q3#
Q4
Q4#
Q5
Q5#
Q6
Q6#
VCC
CLK_SEL
CLKA
CLKA#
VBB
CLKB
CLKB#
VEE
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY2DP3110

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AI CYPRESS-CY2DP3120AI Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AIT CYPRESS-CY2DP3120AIT Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AXI CYPRESS-CY2DP3120AXI Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AXIT CYPRESS-CY2DP3120AXIT Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
More results

Similar Description - CY2DP3110

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
Dual 1:5 Differential Clock / Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
3.3V 2:4 Differential Clock/Data Fanout Buffer
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com