Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP3110AIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2DP3110AIT
Description  1 of 2:10 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3110AIT Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY2DP3110AIT Datasheet HTML 1Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 2Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 3Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 4Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 5Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 6Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 7Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 8Page - Cypress Semiconductor CY2DP3110AIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FastEdge™ Series
CY2DP3110
Document #: 38-07469 Rev.*G
Page 9 of 9
Document History Page
Document Title: CY2DP3110 FastEdge™ Series 1 of 2:10 Differential Clock/Data Fanout Buffer
Document Number: 38-07469
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
121284
11/12/02
RGL
New Data Sheet
*A
126251
04/15/03
RGL
Added VBB in the block diagram
Corrected specs that does not match EROS/IROS
Changed VOHMIN in PECL Output table to VCC-1.2V
Shifted table on ECL levels to match PECL
Added power-up requirements to absolute maximum conditions
Changed title (ComLink to FastEdge)
*B
127696
06/12/03
RGL
Changed operation value from 3.0 GHz to 1.5 GHz in features
Modified Note 21: reduced swing value from up to 3 GHz to 2.2 GHz
*C
128731
08/04/03
RGL
Specified TTB value from TBD to 250 ps
Specified Vo (pp) values from TBDs to 0.34 ps(min) at < 1.5 GHz, 0.30 ps
(typ) at 2.2 GHz
Changed Jitter value from 10 ps to 1 ps (intrinsic)
*D
130299
11/19/03
RGL
Corrected the “VCCO” to “VCC” in the Pin Configuration diagram.
*E
227708
See ECN
RGL/GGK Changed the max. Dissipation, Junction to ambient from 100 to 70°C/W
Added Junction Temperature(TJ) parameter of 150°C max
Replaced ICC calculation with power calculation in the footnote
*F
229393
See ECN
RGL/GGK Provided data for TBD’s to match the device
*G
247626
See ECN
RGL/GGK Changed VOH and VOL to match the Char Data



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com