Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # W5500
Description  Initial Release
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  W5500 Datasheet HTML 1Page - WIZnet Co., Ltd W5500 Datasheet HTML 2Page - WIZnet Co., Ltd W5500 Datasheet HTML 3Page - WIZnet Co., Ltd W5500 Datasheet HTML 4Page - WIZnet Co., Ltd W5500 Datasheet HTML 5Page - WIZnet Co., Ltd W5500 Datasheet HTML 6Page - WIZnet Co., Ltd W5500 Datasheet HTML 7Page - WIZnet Co., Ltd W5500 Datasheet HTML 8Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2014/03/11 19:52
3/8
WIZ550io
- http://wizwiki.net/wiki/
Pin Description
Pin No. I/O Pin Name Description
J1
1
P
GND
Ground
2
P
GND
Ground
3
I
MOSI
SPI Master Out Slave In
This pin is used for SPI MOSI signal pin
4
O
MISO
SPI Master In Slave Out
This pin is used for SPI MISO signal pin
5
I
SCLK
SPI Clock
This pin is used for SPI Clock Signal pin
6
I
SCSn
SPI Slave Select
This pin is used for SPI Slave Select Signal Pin when using SPI interface
7
P
3V3D
Power: 3.3V Power Supply
8
P
3V3D
Power: 3.3V Power Supply
Pin
No.
I/O Pin Name Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com