Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF52B2104F3950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MF52B2104F3950
Description  NTC Thermistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF52B2104F3950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MF52B2104F3950 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications for NTC Thermistor
Part No.
MF52B2 104F3950
Operating
criteria
Q/320115SHD03-2008
1、
Dimensions(mm)
2、
Materials
Coating
Lead wire
Material
Color
Material
Color
Epoxy Resin
Black
Enamelled Cu wire
Yellow
3、Ordering information
MF52
B2
104
F
3950
Resistance
Tolerance
B-value(25/50)
Pearl-Shape Temp
Measurement NTC
Thermistor
Enamelled cu wire
10×104=100KΩ
±1%
3950K
4、
Electrical characteristics
Item
Symbol
Test conditions
Unit
Specification
4.1
Zero Power
Resistance at 25℃
R25
Ta=25±0.05℃
Test Power≤0.1mW
Test in fluid liquid
KΩ
100±1%
4.2
B-value
B25/50
B=[(Ta×Tb)/(Tb-Ta)]×ln(Ra/Rb)
Tb=50℃±0.1℃
K
3950±1%
4.3
Thermal dissipation
Coefficient
δ
In still air
mW/℃
≥2


Similar Part No. - MF52B2104F3950

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
MF52 YINT-MF52 Datasheet
995Kb / 11P
Metal Oxide Varistors
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
3-Phase Brushless DC Motor Controller
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF523270 ETC2-MF523270 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF523380 ETC2-MF523380 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
More results

Similar Description - MF52B2104F3950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CANTHERM_MF72 ETC2-CANTHERM_MF72 Datasheet
758Kb / 4P
Power NTC Thermistor
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
Power NTC Thermistor
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
NTC Chip Thermistor
2019/12/24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com