Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4060BKG Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCC4060BKG
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4060BKG Datasheet(HTML) 3 Page - STMicroelectronics

  HCC4060BKG Datasheet HTML 1Page - STMicroelectronics HCC4060BKG Datasheet HTML 2Page - STMicroelectronics HCC4060BKG Datasheet HTML 3Page - STMicroelectronics HCC4060BKG Datasheet HTML 4Page - STMicroelectronics HCC4060BKG Datasheet HTML 5Page - STMicroelectronics HCC4060BKG Datasheet HTML 6Page - STMicroelectronics HCC4060BKG Datasheet HTML 7Page - STMicroelectronics HCC4060BKG Datasheet HTML 8Page - STMicroelectronics HCC4060BKG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Radiations
2.1
Total ionizing dose
All the devices of the HCC series are 100 krad guaranteed as per the test methods described in Table 1. TID test
conditions for the CMOS4000B family.
Table 1. TID test conditions for the CMOS4000B family
Test parameter
Test conditions
Total dose
100 krad(Si)
Dose rate
40 krad(Si)/h
Sampling
4 biased parts by wafer on 3 wafer per diffusion lot plus 1
control part to qualify the wafer lot. In case one wafer fails,
qualification is done wafer per wafer on 4 biased parts
Bias conditions(1)
VDD = 10 V(2) inputs at VDD(3)
Limits
VTHN, VTHP, IOL, IOH, TPHL, TPLH, VOL, VOH, VN, VP, VH: see
“ESCC detail specifications”, limits ± 35% for high and low
limits
Others tests performed as defined in “ESCC detail
specification” with corresponding limits
1. During irradiation.
2. VDD = 10 Volt has been demonstrated to be the worst case condition during characterization.
3. Whenever functionally pertinent.
Figure 2. Irradiation test flow
1. The post rad guaranteed Vcc min. is therefore 5 V.
HCC40xxx, HCC45xxx
Radiations
DS6709 - Rev 8
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com