Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP13015Z Datasheet(PDF) 7 Page - Anachip Corp

Part # AP13015Z
Description  300mA Low Dropout (LDO) Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP13015Z Datasheet(HTML) 7 Page - Anachip Corp

  AP13015Z Datasheet HTML 1Page - Anachip Corp AP13015Z Datasheet HTML 2Page - Anachip Corp AP13015Z Datasheet HTML 3Page - Anachip Corp AP13015Z Datasheet HTML 4Page - Anachip Corp AP13015Z Datasheet HTML 5Page - Anachip Corp AP13015Z Datasheet HTML 6Page - Anachip Corp AP13015Z Datasheet HTML 7Page - Anachip Corp AP13015Z Datasheet HTML 8Page - Anachip Corp AP13015Z Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
7/9
Package Information
(1) Package Type: SOT89-3L
c
50(2x)
D1
e1
e
D
b1
bb
80(2x)
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.50
1.60
0.055
0.059
0.063
B
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.47
0.53
0.016
0.043
0.051
C
0.35
0.39
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
e
2.90
3.00
3.10
0.114
0.118
0.122
e1
1.45
1.50
1.55
0.057
0.059
0.061
E
2.40
2.50
2.60
0.094
0.098
0.102
HE
3.94
-
4.25
0.155
-
0.167
L
0.80
-
1.20
0.031
-
0.047



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com