Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4067BDG Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4067BDG
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4067BDG Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4067BDG Datasheet HTML 1Page - STMicroelectronics HCC4067BDG Datasheet HTML 2Page - STMicroelectronics HCC4067BDG Datasheet HTML 3Page - STMicroelectronics HCC4067BDG Datasheet HTML 4Page - STMicroelectronics HCC4067BDG Datasheet HTML 5Page - STMicroelectronics HCC4067BDG Datasheet HTML 6Page - STMicroelectronics HCC4067BDG Datasheet HTML 7Page - STMicroelectronics HCC4067BDG Datasheet HTML 8Page - STMicroelectronics HCC4067BDG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Flat-14
Flat-16
DIL-14
DIL-16
Flat-24
DIL-24
The upper metallic lid is not electrically
connected to any pins,
nor to the IC die
inside the package
Features
•
ESCC qualified
•
18 V Absolute maximum ratings
•
3 V to 15 V operating voltage
•
Hermetic packages
•
Rad-hard 100 krad (Si) TID
•
SEL immune up to 119 MeV.cm²/mg
•
SEU immune up to 119 MeV.cm²/mg
•
-55 °C to +125 °C temperature range
•
ESCC specification available on ESCC website for each part
Description
The HCC40xxx and HCC45xxx series are composed of high-voltage CMOS
functions, offering a set of highly noise tolerant gates, Flip-Flops, multiplexers,
counters, bus interfaces, and several other functions. The radiation hardness, single
event latch-up (SEL), single event upset (SEU) immunity, and the housing in
hermetic packages of all types of both series make them usable in the most difficult
environmental conditions. They are all qualified and tested over -55 °C to +125 °C
ambiant temperature range. The complete specification of each type is available from
the ESCC (European Space Components Coordination) web site: https://escies.org
using its ESCC part number. STMicroelectronics® guarantees full compliance of
qualified parts with these ESCC specifications.
Product status link
HCC40xxx, HCC45xxx
Rad-hard, high voltage, CMOS logic series
HCC40xxx, HCC45xxx
Datasheet
DS6709 - Rev 8 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - HCC4067BDG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4067BD STMICROELECTRONICS-HCC4067BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4067BDG

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com