Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853-26PA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS8853-26PA
Description  300mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-26PA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS8853-26PA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-26PA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
4/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall A
Ap
pp
plliiccaattiioon
n C
Ciirrccu
uiitt
A
Ab
bssoollu
uttee M
Maaxxiim
mu
um
m R
Raattiin
nggss
Input voltage VIN to GND ----------------------------------------------------------------------------------------------------10V
Output current limit, I(LIMIT) ------------------------------------------------------------------------------------------------ 0.6A
Continuous power dissipation, PD (∆T= TJ -TA = 100°C)
SOT-23
----------------------------------------------------------------------------------------------------------------------------------------
0.31W
SOT-89
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
TO-92
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ------------------------------------------------------------------------------------------------ +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55°C to +150°C
Operating junction temperature range ----------------------------------------------------------------- -40°C to +125°C
Lead temperature (soldering, 10sec) -------------------------------------------------------------------------------- 260°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
FS8853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com