Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5553MZP80R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5553MZP80R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553MZP80R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5553MZP80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
3.8
DC Electrical Specifications
Table 9. DC Electrical Specifications
Num
Characteristic
Symbol
Min
Max
Unit
1
Core Supply Voltage (average DC RMS voltage)
VDD
1.35
1.65
V
2
I/O Supply Voltage (Fast I/O)
VDDE
1.62
3.6
V
3
I/O Supply Voltage (Slow/Medium I/O)
VDDEH
3.0
5.25
V
4
3.3V I/O Buffer Voltage
VDD33
3.0
3.6
V
5
Voltage Regulator Control Input Voltage
VRC33
3.0
3.6
V
6
Analog Supply Voltage1
VDDA
4.5
5.25
V
8
Flash Programming Voltage2
VPP
4.5
5.25
V
9
Flash Read Voltage
VFLASH
3.0
3.6
V
10
SRAM Standby Voltage3
VSTBY
0.8
1.2
V
11
Clock Synthesizer Operating Voltage
VDDSYN
3.0
3.6
V
12
Fast I/O Input High Voltage
VIH_F
0.65 *
VDDE
VDDE + 0.3
V
13
Fast I/O Input Low Voltage
VIL_F
VSS – 0.3
0.35 *
VDDE
V
14
Medium/Slow I/O Input High Voltage
VIH_S
0.65 *
VDDEH
VDDEH +
0.3
V
15
Medium/Slow I/O Input Low Voltage
VIL_S
VSS – 0.3
0.35 *
VDDEH
V
16
Fast I/O Input Hysteresis
VHYS_F
0.1 * VDDE
V
17
Medium/Slow I/O Input Hysteresis
VHYS_S
0.1 * VDDEH
V
18
Analog Input Voltage
VINDC
VSSA –
0.3
VDDA +
0.3
V
19
Fast I/O Output High Voltage (IOH_F = –2.0mA)
VOH_F
0.8 * VDDE
—
V
20
Slow/Medium I/O Output High Voltage (IOH_S = –2.0mA)
VOH_S
0.8 *
VDDEH
—V
21
Fast I/O Output Low Voltage (IOL_F = 2.0mA)
VOL_F
—
0.2 * VDDE
V
22
Slow/Medium I/O Output Low Voltage (IOL_S = 2.0mA)
VOL_S
—
0.2 *
VDDEH
V
23
Load Capacitance (Fast I/O)4
DSC(SIU_PCR[8:9]) = 0b00
DSC(SIU_PCR[8:9]) = 0b01
DSC(SIU_PCR[8:9]) = 0b10
DSC(SIU_PCR[8:9]) = 0b11
CL
—
—
—
10
20
30
50
pF
pF
pF
pF
24
Input Capacitance (Digital Pins)
CIN
—7
pF
25
Input Capacitance (Analog Pins)
CIN_A
—10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com