Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL1102 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL1102
Description  single chip dialer IC using Si-gate CMOS process
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1102 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL1102 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BL1102series
http://www.belling.com.cn
- 2 -
8/22/2006
Total 9 Pages
Wrote by 2006
Known from the above block diagram, it mainly made up of system clock generator, keyboard interface,
data code, random storing, read/write counter, address lock and storing, system control logic, pulse
generator, data/mode converter and double tone generator and other circuits. 。
Pin Description
Symbol
22 Pin
24 Pin
I/0
Function
Row/colum
1-4,18-
1-4,20-
I
A valid key entry is defined by a single row being
n input
22
24
Connected to a single column
X T,X T
6,7
6,7
I/0
Oscillation I/O
T/P MUTE
8
8
O
The T/P MUTE is a conventional CMOS N-channel
open drain output. When dialing and flash, the
output is and will turn down the talking network.
MODE
1 4
1 6
I
Dialing mode selection.. When pin is connected to
VSS, it is double tone multi-frequency mode when it is
connected to VDD; it is pulse mode (10ppS).
HKS
9
9
I
The pin is the hook switch input HKS =1, on HOOK
state, chip in sleeping mode, no operation. HKS =0, on
HOOK state,enable chip on normal operation.
B/M
1 6
1 8
I
Break/make ratio, pin selection.
B/M=1, ratio is 60/40;
B/M=0, ratio is 66/33.
VDD, VSS
1 7, 5
19, 5
I
Power and power ground input
X MUTE
1 3
1 5
O
Inverter output. Dialing under double tone mode,
pin is high voltage;
if dialing under pulse mode, the
pin is low voltage.
HFI, HFO
--
12,13
I/O
Hands-free control details can be seen in table2.
KT
12
14
O
Key tone signal output. The frequency is1.2KHz.
Once the pin is locked, dialing starting with
"0" or "9" and all the key input afterwards will
become invalid. It will recover the original state
after on hook
LOCK Pin
Function
VDD
“0”和“9”dialing lim it
Floating
Normal
LOCK
15
(BL1102L)
17
(BL1102AL)
I
VSS
“0”dialing lim it
NC
15
(BL1102)
17
(BL1102A)
I
Not available
DP / C5
10
10
O
The DP/C5 is a conventional CMOS N-channel
open drain output. Under tone state. Output will
keep high; Under pulse state, output dialing pulse.
DTMF
11
11
O
Double tone multifrequency signal output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com