| Electronic Components Datasheet Search |
|
MS07A10-32SW Datasheet(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS07A10-32SW Datasheet(HTML) 2 Page - ITT Industries |
|
2 / 25 page ![]() A-39 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A KPSE High performance crimp contact connectors KPSE High performance crimp contact connectors • High performance • Crimp termination • Closed entry socket contacts Series KPSE environmental, miniature circu- lar, quick disconnect connectors are designed for the exacting requirements of today’s electronic industry. They are intermateable, intermountable and interchangeable with all connectors manu- factured acc. to MIL-C-26482 and VG95328. 1 Standard MIL-C-26482 mates with any connector designed to MIL-C-26482 and VG 95328. 2 Crimp, snap-in contacts are designed to MIL-C- 39029 and can be crimped with the standard M22520/1 crimp tool. Closed-entry socket contacts eliminate dam- age from abuse by test probes and help to correct any misaligned pins during engagement Contact insertion is accomplished from the rear of the connector. When the contact is fully inserted, the clip tines snap securely behind the contact shoulder. Contact extraction is accomplished with a front-inserted tool. Pressing the tool plunger pushes the contact out through the rear of the connector. 3 Monobloc insulator does not leave any access to moisture and avoids interfacial empty space. 4 Contact retaining clip is completely encased in a tough plastic wafer to protect the clip from damage Complete moisture sealing is achieved by combining four seals: shell, peripheral, interfa- cial and wire seals Shell Seal is effected when the plug shell push- es against the sealing ring in the receptacle when the connectors are mated. Peripheral Seal around the edge of the pin insulator is designed so that mating the connec- tor puts tension on the seal and greatly reduces compression set. Interfacial Seal is achieved by the insutor faces meeting when the plug and receptacle are mated. Wire Seal is accomplished by a multiple ripple design, exceeding the wire sealing requirements of MIL-C-26482. 5 Positive insert-to-shell mechanical retention with hard plastic wafer firmly locked into a groove in the shell, in addition to a strong adhesive bond between the insert and shell. Cannon KPT/KPSE MIL-C-26482 Series I Connectors ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 39 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |