Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NWW2ABT10K0 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # NWW2ABT10K0
Description  WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NWW2ABT10K0 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  NWW2ABT10K0 Datasheet HTML 1Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 2Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 3Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 4Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 5Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 6Page - Stackpole Electronics, Inc. NWW2ABT10K0 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev Date: 11/29/2021
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW / MWW / NWW / WWS Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the
“conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
W
W
1
F
T
1
K
0
0
Resistance Value
@ 125ºC
@ 70ºC
Code
Tol
Code Description
Size
Qty
12
0.4
0.5
B
0.1%
WW12 / NWW12
1
1
1.1
D
0.5%
WW1 / NWW1
1A
1
1.3
F
1%
WWS2 / NWWS2
2
1.5
2.1
J
5%
WW1A / NWW1A
2A
2.5
2.6
MWW1 / NMWW1
0.5 ohm = R500
3
3
3.2
WW2 / NWW2
1 ohm = 1R00
3A
3
3.4
WWS3 / NWWS3
10 Kohm = 10K0
4
4
4.3
WW2A / NWW2A
5
5
5.1
WW3 / NWW3
7
6.5
7.2
WWS4 / NWWS4
7B
7
7.7
MWW3 / NMWW3
10
10
11.0
WW3A / NWW3A
2
2.5
2.6
WW4 / NWW4
3
3
3.2
WWS5 / NWWS5
4
4
4.3
WW5 / NWW5
5
5
5.1
WWS7 / NWWS7
7
6.5
7.2
WW7 / NWW7
10
10
11.0
WW7B / NWW7B
1
1
1.3
WWS10 / NWWS10
3
3
3.2
MWW5 / NMWW5
5
5
5.5
WW10 / NWW10
10
10
11.0
MWW10 / NMWW10
Series
MWW (Molded)
NMWW (Non-inductive Molded)
2000
500
250
B
Bulk
Contact Stackpole for
package quantities.
WW (Standard)
NWW (Non-inductive)
WWS (Mini)
NWWS (Non-inductive Mini)
Code
Power Rating (W)
Tolerance
Packaging
Four characters
with the multiplier
used as the
decimal holder.
T
11" Tape
and Reel
2500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com