Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5553AVZ80 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PPC5553AVZ80
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5553AVZ80 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPC5553AVZ80 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5553AVZ80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Ordering Information
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Table 1. Orderable Part Numbers
Freescale Part
Number
Description
Speed
(MHz)
Max Speed1
(MHz) (fMAX)
Temperature
MPC5553MVR132
MPC5553 Lead free 416 package
132
132
-40° C to 125° C
MPC5553MZP132
MPC5553 Lead 416 package
132
132
-40° C to 125° C
MPC5553MVZ132
MPC5553 Lead free 324 package
132
132
-40° C to 125° C
MPC5553MZQ132
MPC5553 Lead 324 package
132
132
-40° C to 125° C
MPC5553MVF132
MPC5553 Lead 208 package
132
132
-40° C to 125° C
MPC5553MVM132
MPC5553 Lead free 208 package
132
132
-40° C to 125° C
MPC5553MVR112
MPC5553 Lead free 416 package
112
114
-40° C to 125° C
MPC5553MZP112
MPC5553 Lead 416 package
112
114
-40° C to 125° C
MPC5553MVZ112
MPC5553 Lead free 324 package
112
114
-40° C to 125° C
MPC5553MZQ112
MPC5553 Lead 324 package
112
114
-40° C to 125° C
MPC5553MVF112
MPC5553 Lead 208 package
112
114
-40° C to 125° C
MPC5553MVM112
MPC5553 Lead free 208 package
112
114
-40° C to 125° C
MPC5553MVR80
MPC5553 Lead free 416 package
80
82
-40° C to 125° C
MPC5553MZP80
MPC5553 Lead 416 package
80
82
-40° C to 125° C
MPC5553MVZ80
MPC5553 Lead free 324 package
80
82
-40° C to 125° C
MPC5553MZQ80
MPC5553 Lead 324 package
80
82
-40° C to 125° C
MPC
M
80 R2
Qualification Status
Core Code
Device Number
Temperature Range
Package Identifier
Operating Frequency (MHz)
Tape and Reel Status
Temperature Range
M = -40° C to 125° C
A = -55° C to 125° C
Package Identifier
ZP = 416PBGA SnPb
VR = 416PBGA Pb-free
VF = 208MAPBGA SnPb
VM = 208MAPBGA Pb-free
ZQ = 324PBGA SnPb
VZ = 324PBGA Pb-free
Operating Frequency
80 = 80MHz
112 = 112MHz
132 = 132MHz
Note: Not all options are available on all devices. Refer to Table 1.
Tape and Reel Status
R2 = Tape and Reel
(blank) = Trays
Qualification Status
P = Pre Qualification
M = Full Spec Qualified
5553
ZP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com