Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS128H Datasheet(PDF) 55 Page - SPANSION

Part # AM29BDS128H
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128H Datasheet(HTML) 55 Page - SPANSION

Back Button AM29BDS128H Datasheet HTML 51Page - SPANSION AM29BDS128H Datasheet HTML 52Page - SPANSION AM29BDS128H Datasheet HTML 53Page - SPANSION AM29BDS128H Datasheet HTML 54Page - SPANSION AM29BDS128H Datasheet HTML 55Page - SPANSION AM29BDS128H Datasheet HTML 56Page - SPANSION AM29BDS128H Datasheet HTML 57Page - SPANSION AM29BDS128H Datasheet HTML 58Page - SPANSION AM29BDS128H Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
53
D A TA
SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground:
All Inputs and I/Os except
as noted below (Note 1) . . . . . . . –0.5 V to VIO + 0.5 V
VCC (Note 1) . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
VIO . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
A9, RESET#, ACC (Note 1) . . . . . –0.5 V to +12.5 V
Output Short Circuit Current (Note 3) . . . . . . 100 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During
voltage transitions, inputs or I/Os may undershoot VSS to
–2.0 V for periods of up to 20 ns. See Figure 10.
Maximum DC voltage on input or I/Os is VCC + 0.5 V.
During voltage transitions outputs may overshoot to VCC
+ 2.0 V for periods up to 20 ns. See Figure 11.
2. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
3. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the de-
vice at these or any other conditions above those indicated
in the operational sections of this data sheet is not implied.
Exposure of the device to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Figure 10.
Maximum Negative
Overshoot Waveform
Figure 11.
Maximum Positive
Overshoot Waveform
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
Supply Voltages
VCC Supply Voltages . . . . . . . . . . .+1.65 V to +1.95 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . VCC ≥ VIO–100 mV
VIO Supply Voltages . . . . . . . . . . . +1.65 V to +1.95 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com