Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS128HE8VKI Datasheet(PDF) 76 Page - SPANSION

Part # AM29BDS128HE8VKI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE8VKI Datasheet(HTML) 76 Page - SPANSION

Back Button AM29BDS128HE8VKI Datasheet HTML 72Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 73Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 74Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 75Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 76Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 77Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 78Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 79Page - SPANSION AM29BDS128HE8VKI Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
74
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Figure 38.
Chip/Sector Erase Command Sequence
Notes:
1. SA is the sector address for Sector Erase.
2. Address bits Amax–A12 are don’t cares during unlock cycles in the command sequence.
OE#
CE#
Data
Addresses
AVD#
WE#
CLK
VCC
tAS
tWP
tAH
tWC
tWPH
SA
tVCS
tCS
tDH
tCH
In
Progress
tWHWH2
VA
Complete
VA
Erase Command Sequence (last two cycles)
Read Status Data
tDS
10h for
chip erase
555h for
chip erase
VIH
VIL
tAVDP
55h
2AAh
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com