Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3486EARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3486EARZ
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3486EARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3486EARZ Datasheet HTML 3Page - Analog Devices ADM3486EARZ Datasheet HTML 4Page - Analog Devices ADM3486EARZ Datasheet HTML 5Page - Analog Devices ADM3486EARZ Datasheet HTML 6Page - Analog Devices ADM3486EARZ Datasheet HTML 7Page - Analog Devices ADM3486EARZ Datasheet HTML 8Page - Analog Devices ADM3486EARZ Datasheet HTML 9Page - Analog Devices ADM3486EARZ Datasheet HTML 10Page - Analog Devices ADM3486EARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VCC to GND
−0.3 V to +6 V
Digital Input/Output Voltage (DE, RE, DI)
−0.3 V to +6 V
Receiver Output Voltage (RO)
−0.3 V to (VCC + 0.3 V)
Driver Output (A, B, Y, Z)/Receiver Input
(A, B) Voltage
−8 V to +13 V
Driver Output Current
±250 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance
8-Lead SOIC_N
158°C/W
14-Lead SOIC_N
120°C/W
Lead Temperature, Soldering (20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com