Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL127H63 Datasheet(PDF) 53 Page - SPANSION

Part # AM29PDL127H63
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL127H63 Datasheet(HTML) 53 Page - SPANSION

Back Button AM29PDL127H63 Datasheet HTML 49Page - SPANSION AM29PDL127H63 Datasheet HTML 50Page - SPANSION AM29PDL127H63 Datasheet HTML 51Page - SPANSION AM29PDL127H63 Datasheet HTML 52Page - SPANSION AM29PDL127H63 Datasheet HTML 53Page - SPANSION AM29PDL127H63 Datasheet HTML 54Page - SPANSION AM29PDL127H63 Datasheet HTML 55Page - SPANSION AM29PDL127H63 Datasheet HTML 56Page - SPANSION AM29PDL127H63 Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
June 07, 2005
Am29PDL127H
51
P RE L I M I NARY
AC CHARACTERISTIC
Read-Only Operations
Notes:
1.
Not 100% tested.
2.
See Figure 11 and Table 16 for test specifications
3.
Measurements performed by placing a 50 ohm termination on the
data pin with a bias of VCC/2. The time from OE# high to the data
bus driven to V
CC/2 is taken as tDF.
4.
For 70 pF output load capacitance, 2 ns will be added to t
ACC, tCE,
tPACC, tOE values for all speed options.
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
53
63
68
88
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
55
65
65
85
ns
tAVQV
tACC Address to Output Delay
CE#, OE# = VIL
Max
55
656585ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
60
657085ns
tPACC Page Access Time
Max
20
25
70
85
ns
tGLQV
tOE
Output Enable to Output Delay
Max
20
25
30
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 3)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Notes 1, 3)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Notes 3)
Min
5
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com