Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDS322DT10WMIN Datasheet(PDF) 49 Page - SPANSION

Part # AM29PDS322DT10WMIN
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDS322DT10WMIN Datasheet(HTML) 49 Page - SPANSION

Back Button AM29PDS322DT10WMIN Datasheet HTML 43Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 44Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 45Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 46Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 47Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 48Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 49Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 50Page - SPANSION AM29PDS322DT10WMIN Datasheet HTML 51Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
47
D A TA
SH EET
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 2.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90
°C, V
CC = 1.8 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most words
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table
10 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Note: Includes all pins except VCC. Test conditions: VCC = 1.8 V, one pin at a time.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
1
10
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
93
sec
Word Program Time
16
360
µs
Excludes system level
overhead (Note 5)
Accelerated Word Program Time
5
µs
Chip Program Time (Note 3)
20
100
sec
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com